|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
SavantIC Semiconductor Product Specification Silicon NPN Power Transistors * DESCRIPTION *With TO-3PN package *Complement to type 2SB816 *Wide area of safe operation APPLICATIONS *For LF power amplifier, 50W output large power switching applications PINNING PIN 1 2 3 Base Collector;connected to mounting base Emitter DESCRIPTION 2SD1046 Fig.1 simplified outline (TO-3PN) and symbol Absolute maximum ratings(Tc=25 ) SYMBOL VCBO VCEO VEBO IC ICM PC Tj Tstg PARAMETER Collector-base voltage Collector-emitter voltage Emitter-base voltage Collector current Collector current -peak Collector power dissipation Junction temperature Storage temperature TC=25 CONDITIONS Open emitter Open base Open collector VALUE 150 120 6 8 12 80 150 -40~150 UNIT V V V A A W SavantIC Semiconductor Product Specification Silicon NPN Power Transistors CHARACTERISTICS Tj=25 unless otherwise specified PARAMETER Collector-emitter breakdown voltage Collector-base breakdown voltage Emitter-base breakdown voltage Collector-emitter saturation voltage Base-emitter on voltage Collector cut-off current Emitter cut-off current DC current gain DC current gain Transition frequency Collector output capacitance CONDITIONS IC=50mA ;RBE=; IC=5mA ;IE=0 IE=5mA ;IC=0 IC=5A ;IB=0.5A IC=1A;VCE=5V VCB=80V IE=0 VEB=4V; IC=0 IC=1A ; VCE=5V IC=5A ; VCE=5V IC=1A ; VCE=5V f=1MHz;VCB=10V 60 20 MIN 120 150 6 SYMBOL V(BR)CEO V(BR)CBO V(BR)EBO VCEsat VBE ICBO IEBO hFE-1 hFE-2 fT COB 2SD1046 TYP. MAX UNIT V V V 1.0 2.0 1.5 0.1 0.1 200 V V mA mA 15 160 MHz pF Switching times ton tstg tf Turn-on time Storage time Fall time IC=1.0A; IB1=-IB2=0.1A VCC=20V;RL=20B 0.22 6.66 1.02 s s s hFE-1 Classifications D 60-120 E 100-200 2 SavantIC Semiconductor Product Specification Silicon NPN Power Transistors PACKAGE OUTLINE 2SD1046 Fig.2 outline dimensions 3 SavantIC Semiconductor Product Specification Silicon NPN Power Transistors 2SD1046 4 |
Price & Availability of 2SD1046 |